PART |
Description |
Maker |
GBU6J GBU6J-BP GBU6A-BP GBU6D-BP GBU6M-BP GBU6B-BP |
6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 6A 600V GBU 6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 6A 800V GBU 6 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
82PFR120 80PFR120 82PFR80W 80PF120 80PF120W 80PF40 |
STANDARD RECOVERY DIODES 标准恢复二极 1200V 80A Std. Recovery Diode in a DO-5 package 800V 80A Std. Recovery Diode in a DO-5 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
CRNA15-1000 CRNA15-800 |
DIODE RECT 1000V 15A ISO TO220AB 9.5 A, 1000 V, SILICON, RECTIFIER DIODE, TO-220AC DIODE RECT 15A 800V ISO TO-220AB 9.5 A, 800 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Crydom, Inc.
|
150UR60DL 150U60DL 150U80DL 150UR100DL 150UR100D 1 |
STANDARD RECOVERY DIODES 600V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 600V150A性病。恢复二极管中的DO - 205AA(请 8)封 320 x 240 pixel format, CFL backlight available with power harness 标准恢复二极 800V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 800V50A性病。恢复二极管中的DO - 205AA(请 8)封
|
IRF[International Rectifier] Micro Commercial Components, Corp. International Rectifier, Corp. Microsemi, Corp.
|
40HA40 40HA60 40HFR20 40HFR80 40HA140 40HF140 40HF |
STANDARD RECOVERY DIODES 800V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 1400V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 1000V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 1600V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 100V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 1200V 40A Std. Recovery Diode in a DO-203AB (DO-5)package Trimmer Capacitor Solder Mount STANDARD RECOVERY DIODES 标准恢复二极 Trimmer Capacitor 标准恢复二极
|
http:// International Rectifier, Corp.
|
CURA103-HF CURA102-HF CURA105-HF CURA104-HF CURA10 |
Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=1A SMD Ultra Fast Recovery Rectifiers
|
Comchip Technology
|
SD150N20MBC SD150N20MBV SD150N20MC SD150N20MSC SD1 |
STANDARD RECOVERY DIODES 标准恢复二极 2500V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1600V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 800V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 400V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1200V 150A Std. Recovery Diode in a DO-205AC (DO-30)package
|
International Rectifier, Corp. IRF[International Rectifier]
|
3SM0 1N5552 |
Standard Recovery Axial Rectifier. 200 V-1000 V. Io=5.0 A Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(反向电压600V,平均正向电流5A,轴向引脚,密封标准恢复整流二极
|
Semtech Corporation
|
SCPA05 SCPA6 SCDA1 SCDA2 SCDA4 SCDA6 SCPA1 SCPA2 S |
Medium Current, Standard Recovery Center Tap Rectifier(????靛?600V锛?俯搴?5???骞冲??存??垫?15A,涓???垫?, ????㈠?璐?腑蹇??澶存?娴??) STANDARD RECOVERY DOUBLER AND CENTER TAPS Medium Current, Standard Recovery Doubler Rectifier(????靛?200V锛?俯搴?5???骞冲??存??垫?7.5A,涓???垫?,????㈠?????存???
|
Semtech Corporation
|
NCP1053P136 NCP1053ST44T3 |
1A 800V Standard Rectifier
|
ON Semiconductor
|
CFRC301-G12 CFRC301-G CFRC302-G CFRC303-G CFRC304- |
Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=3A Fast Recovery Rectifiers, V-RRM=1000V, V-R=1000V, I-O=3A Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=3A Fast Recovery Rectifiers, V-RRM=100V, V-R=100V, I-O=3A SMD Fast Recovery Rectifiers Fast Recovery Rectifiers, V-RRM=50V, V-R=50V, I-O=3A Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=3A Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=3A
|
Comchip Technology
|
CFRB207-G CFRB206-G CFRB204-G CFRB205-G CFRB201-G |
Fast Recovery Rectifiers, V-RRM=1000V, V-R=1000V, I-O=2A Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=2A Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=2A Fast Recovery Rectifiers, V-RRM=50V, V-R=50V, I-O=2A Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=2A Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=2A Fast Recovery Rectifiers, V-RRM=100V, V-R=100V, I-O=2A SMD Fast Recovery Rectifiers
|
Comchip Technology
|